PART |
Description |
Maker |
AT88SC0204CRF |
13.56 MHz CryptoRF EEPROM Memory 2 Kbits
|
ATMEL Corporation
|
AT88SC6416CRF |
Contactless 64-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant. CryptoRF EEPROM Memory 64 Kbits
|
ATMEL[ATMEL Corporation]
|
AT88SC0808CRF |
AT88SC0808CRF Summary [Updated 05/03. 9 Pages] Contactless 8-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant CryptoRF EEPROM Memory 8 Kbits Contactless 8-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
ATMEL
|
AT88SC018-SU-CM AT88SC018-SU-CM-T AT88SC018-SU-CN |
SPECIALTY MEMORY CIRCUIT, PDSO8 CryptoCompanion Chip for CryptoMemory and CryptoRF CryptoCompanion垄芒 Chip for CryptoMemory and CryptoRF
|
ATMEL Corporation
|
ATU18 |
The ATU18 series of ULCs is well suited for conversion of latest CPLDs and FPGAs. We can support within one ULC from 62 Kbits to 1195 Kbits DPRAM and from 82 Kgates to 1575 Kgates.
|
Atmel
|
ST1353D-D10/XXYY ST1333D-D10/XXYY ST1335D ST1331D |
6-CONTACT MEMORY CARD IC 272-BIT EEPROM WITH ADVANCED SECURITY MECHANISMS AND INLOCK SYSTEM EEPROM EEPROM
|
SGS Thomson Microelectronics
|
M29W800DB45N1E M29W800DB M29W800DB45M1E M29W800DB4 |
8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
|
Numonyx B.V
|
ST25E16 ST24E16 ST24EB3TR ST24EB6TR ST24EM1TR ST24 |
SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 16K (2K X 8) EEPROM 16 Kbit Serial I 2 C EEPROM with Extended Addressing (ST24E16 / ST25E16) 16 Kbit Serial I2C EEPROM with Extended Addressing CONFIGURATION DEVICE, 16MBIT,UBGA88; Memory type:Configuration FLASH; Interface type:Serial, Parallel; Memory size:16Mbit; Memory configuration:2MB; Time, access:90ns; Frequency:66.7MHz; Temp, op. min:0(degree C); Temp, op. RoHS Compliant: Yes 16 Kbit Serial I2C EEPROM with Extended Addressing 16千位串行I2C EEPROM,带有扩展寻址
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AT88SC0404CNBSP AT88SC0404C-09ET-XX AT88SC0404C-09 |
EEPROM EEPROM 4-Kbit User Memory with Authentication and Encryption. This is a summary document. A complete docume
|
EEPROM Atmel corp
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|